PART |
Description |
Maker |
SP6132HCU/TR SP6132H06 |
High Voltage, 300KHz Synchronous PWM Controller
|
Sipex Corporation Exar Corporation
|
EN5336QI |
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
|
Enpirion, Inc.
|
ISL6530_31EVAL1 ISL6530EVAL1 ISL6531 ISL6531CB ISL |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination 双同步降V的脉宽调制(PWM)控制器,用于数据存储器内存VDDQ和VTT终端 Dual Low-Noise High-Drive Operational Amplifier 8-SO 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EP53A8HQA |
1A PowerSoC Voltage Mode Synchronous PWM Buck
|
Altera
|
EN5330DC-E EN5330 EN5330DC EN5330DC-T EN5330DI EN5 |
3A Voltage Mode Synchronous Buck PWM DC-DC Converter
|
Enpirion, Inc.
|
AM29818AXM AM29818ADE AM29818APC AM29818ADCB AM298 |
Digital Audio Driver with Discrete Dead-Time and Protection. High and Low Side Driver in a 14-Lead SOIC package; A IRS20124S packaged in a Lead-Free Pipeline Register High Performance Appliance RAM Based Motion Control IC; A IRMCF343 with Standard Packaging High Voltage, high performance Class D audio aplifier driver with PWM modulator and protection in a 16-Lead PDIP Package; A IRS2092PBF with Standard Packaging Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to IP2003ATR with Lead Free Packaging. High Voltage, high performance Class D audio aplifier driver with PWM modulator and protection in a 16-Lead SOIC Narrow Package; Similar to IRS2092PBF Shipped on Tape and Reel Synchronous Buck Multiphase Optimized BGA Power Block.; Similar to iP2002 with Lead Free Packaging on Tape and Reel. 500VA HiRel iMotion Digital Sensor-Less Motor Controller in an MP-3T package.; A IRMCT3UF1 with Standard Packaging Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to IP2003A with Lead Free Packaging. A high performance OTP based motion control IC designed primarily for appliance applications.; A IRMCK343 with Standard Packaging Self-Oscillating Full-Bridge 600V Driver in a 14-Lead SOIC narrow boddy package; A IRS2453D packaged in a Lead-Free 14-Lead SOIC shipped on Tape and Reel Protected Digital Audio Driver with Floating PWM input in a 16-Lead SOIC Narrow Package; A IRS20955SPBF packaged in a Lead-Free 16-Lead SOIC Narrow shipped on Tape and Reel IP1001; A IP1001 with Standard Packaging Dual Output Full Function 2 Phase Synchronous Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; Similar to iP1201 with Lead Free packaging. Protected Digital Audio Driver with Floating PWM input; A IRS20954SPBF with Standard Packaging 管道注册
|
Advanced Micro Devices, Inc.
|
EL513-95 EL513-16 EL513-65 EL513-275 EL513-35 EL51 |
Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R High Voltage Synchronous Rectified Buck MOSFET Driver with Programmable Deadtime; Temperature Range: 0°C to 70°C; Package: 8-QFN T&R Dual Mobile-Friendly PWM Controller with DDR Memory Option; Temperature Range: 0°C to 70°C; Package: 28-QSOP High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers; Temperature Range: -40°C to 85°C; Package: 28-TQFN T&R High Voltage Synchronous Rectified Buck MOSFET Driver with Programmable Deadtime; Temperature Range: -40°C to 85°C; Package: 8-SOIC Dual Mobile-Friendly PWM Controller with DDR Option; Temperature Range: 0°C to 70°C; Package: 28-QSOP T&R High Voltage Synchronous Rectified Buck MOSFET Driver with Programmable Deadtime; Temperature Range: -40°C to 85°C; Package: 8-QFN High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R High Efficiency System Power Supply Controller for Notebook Computers; Temperature Range: 0°C to 70°C; Package: 28-QSOP T&R Dual Mobile-Friendly PWM Controller with DDR Option; Temperature Range: -40°C to 85°C; Package: 28-QSOP T&R Logic IC 逻辑IC Dual Mobile-Friendly PWM Controller with DDR Memory Option; Temperature Range: 0°C to 70°C; Package: 28-QSOP T&R 逻辑IC
|
Everlight Electronic Co., Ltd. Exar, Corp.
|
EMK316ABJ226ML-T GRM31CR61C226ME15 JMK212BBJ476MG- |
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
|
Enpirion, Inc.
|
NX2116 NX2116A NX2116ACMTR NX2116B NX2116BCMTR NX2 |
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
|
Microsemi Corporation http://
|
FAN2013B FAN2013BMPX |
2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
|
Fairchild Semiconductor
|
F72815 F72815SG |
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
|
Feature Integration Technology Inc.
|